전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX7413FRRPR 데이터시트(PDF) 43 Page - Texas Instruments

부품명 TMUX7413FRRPR
상세설명  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TMUX7413FRRPR 데이터시트(HTML) 43 Page - Texas Instruments

Back Button TMUX7413FRRPR Datasheet HTML 39Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 40Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 41Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 42Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 43Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 44Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 45Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 46Page - Texas Instruments TMUX7413FRRPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Nov-2022
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMUX7411FRRPR
WQFN
RRP
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TMUX7412FRRPR
WQFN
RRP
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TMUX7413FRRPR
WQFN
RRP
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48