전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBC15JTR 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STBC15JTR
상세설명  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15JTR 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STBC15JTR Datasheet HTML 8Page - STMicroelectronics STBC15JTR Datasheet HTML 9Page - STMicroelectronics STBC15JTR Datasheet HTML 10Page - STMicroelectronics STBC15JTR Datasheet HTML 11Page - STMicroelectronics STBC15JTR Datasheet HTML 12Page - STMicroelectronics STBC15JTR Datasheet HTML 13Page - STMicroelectronics STBC15JTR Datasheet HTML 14Page - STMicroelectronics STBC15JTR Datasheet HTML 15Page - STMicroelectronics STBC15JTR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Table 6. STBC15 floating voltage selection
VSET1
VSET0
Floating voltage [V]
0
0
4.00
0
1
4.05
1
0
4.10
1
1
4.20
Table 7. STBC15L floating voltage selection
VSET1
VSET0
Floating voltage [V]
0
0
4.20
0
1
4.25
1
0
4.35
1
1
4.40
7.3
Charge current selection
The charge current is defined by external pin configuration shown in the table below.
Table 8. Charge current selection
ISET1
ISET0
Battery charging current [mA]
0
0
10
0
1
20
1
0
30
1
1
40
7.4
Battery recharge
When CHGIN voltage drops below the level defined by VBAT - VBAT_ASD, the device turns M3 on and the OUT pin
is supplied by the battery (BPS state). The battery recharge restarts again when the voltage on CHGIN exceeds
the level defined by VBAT + VBAT_RECHG voltage. The device goes to CHG state.
7.5
Over-discharge protection and peak mode
The STBC15 protects the battery by disconnecting it when its voltage is below a certain level defined by the
VBAT_OVD threshold. This function protects the battery from over-discharging. In order to maintain the over-
discharge status, the battery voltage should, in any condition, stay above the VBAT_FF threshold.
In some application conditions, such as during RF transmission bursts, it is requested that the battery sustains
short transients below the typical VBAT_OVD level. In order to support this behavior and avoid false triggering of the
over-discharge mechanism, it is possible to lower the VBAT_OVD threshold by using the PKM pin. When this pin is
pulled low, the VBAT_OVD threshold is decreased to a lower level according to the table below.
Table 9. Battery over-discharge voltages for the STBC15
PKM
Min. VBAT_OVD [V]
Max. VBAT_OVD [V]
0
3.2
3.3
STBC15
Charge current selection
DS12551 - Rev 1
page 12/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com