전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI100N10F7 데이터시트(PDF) 27 Page - STMicroelectronics

부품명 STI100N10F7
상세설명  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI100N10F7 데이터시트(HTML) 27 Page - STMicroelectronics

Back Button STI100N10F7 Datasheet HTML 20Page - STMicroelectronics STI100N10F7 Datasheet HTML 21Page - STMicroelectronics STI100N10F7 Datasheet HTML 22Page - STMicroelectronics STI100N10F7 Datasheet HTML 23Page - STMicroelectronics STI100N10F7 Datasheet HTML 24Page - STMicroelectronics STI100N10F7 Datasheet HTML 25Page - STMicroelectronics STI100N10F7 Datasheet HTML 26Page - STMicroelectronics STI100N10F7 Datasheet HTML 27Page - STMicroelectronics STI100N10F7 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................8
4
Package information...............................................................9
4.1
D²PAK (TO-263) type A package information ....................................... 9
4.2
DPAK (TO-252) type A2 package information ...................................... 12
4.3
D²PAK and DPAK packing information ............................................ 15
4.4
TO-220FP package information ................................................. 18
4.5
I²PAK package information...................................................... 20
4.6
TO-220 type A package information .............................................. 22
5
Ordering information .............................................................25
Revision history .......................................................................26
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
Contents
DS9291 - Rev 5
page 27/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com