전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW18N60M2 데이터시트(PDF) 25 Page - STMicroelectronics

부품명 STW18N60M2
상세설명  N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW18N60M2 데이터시트(HTML) 25 Page - STMicroelectronics

Back Button STW18N60M2 Datasheet HTML 19Page - STMicroelectronics STW18N60M2 Datasheet HTML 20Page - STMicroelectronics STW18N60M2 Datasheet HTML 21Page - STMicroelectronics STW18N60M2 Datasheet HTML 22Page - STMicroelectronics STW18N60M2 Datasheet HTML 23Page - STMicroelectronics STW18N60M2 Datasheet HTML 24Page - STMicroelectronics STW18N60M2 Datasheet HTML 25Page - STMicroelectronics STW18N60M2 Datasheet HTML 26Page - STMicroelectronics STW18N60M2 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Revision history
Table 16. Document revision history
Date
Version
Changes
05-Jun-2013
1
First release.
28-Feb-2014
2
– Modified: note 1 in Table 2
– Rthj-case value in Table 3
– Minor text changes
16-Apr-2018
3
Removed maturity status indication from cover page. The document status is
production data.
Modified the title and the description in cover page.
Updated Section 4 Package information.
Minor text changes.
06-Nov-2018
4
Added part number STI18N60M2 in I²PAK, document updated accordingly.
Updated Section 2.1 Electrical characteristics curves and Section 4 Package
information.
Minor text changes.
STB18N60M2, STI18N60M2, STP18N60M2, STW18N60M2
DS9714 - Rev 4
page 25/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27