전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G483CE 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 STM32G483CE
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G483CE 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button STM32G483CE Datasheet HTML 8Page - STMicroelectronics STM32G483CE Datasheet HTML 9Page - STMicroelectronics STM32G483CE Datasheet HTML 10Page - STMicroelectronics STM32G483CE Datasheet HTML 11Page - STMicroelectronics STM32G483CE Datasheet HTML 12Page - STMicroelectronics STM32G483CE Datasheet HTML 13Page - STMicroelectronics STM32G483CE Datasheet HTML 14Page - STMicroelectronics STM32G483CE Datasheet HTML 15Page - STMicroelectronics STM32G483CE Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 230 page
background image
Introduction
STM32G483xE
12/230
DS12997 Rev 4
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32G483xE microcontrollers.
This document should be read in conjunction with the reference manual RM0440
“STM32G4 Series advanced Arm® 32-bit MCUs”. The reference manual is available from
the STMicroelectronics website www.st.com.
For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 technical
reference manual, available from the www.arm.com website.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More