전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H745II 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STM32H745II
상세설명  Dual 32-bit Arm® Cortex®-M7 up to 480MHz and -M4 MCUs,up to 2MB Flash, 1MB RAM, 46 com. and analog interfaces, SMPS
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H745II 데이터시트(HTML) 4 Page - STMicroelectronics

  STM32H745II Datasheet HTML 1Page - STMicroelectronics STM32H745II Datasheet HTML 2Page - STMicroelectronics STM32H745II Datasheet HTML 3Page - STMicroelectronics STM32H745II Datasheet HTML 4Page - STMicroelectronics STM32H745II Datasheet HTML 5Page - STMicroelectronics STM32H745II Datasheet HTML 6Page - STMicroelectronics STM32H745II Datasheet HTML 7Page - STMicroelectronics STM32H745II Datasheet HTML 8Page - STMicroelectronics STM32H745II Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 252 page
background image
Contents
STM32H745xI/G
4/252
DS12923 Rev 1
3.17
Analog-to-digital converters (ADCs) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.18
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.19
VBAT operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
3.20
Digital-to-analog converters (DAC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.21
Ultra-low-power comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.22
Operational amplifiers (OPAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
3.23
Digital filter for sigma-delta modulators (DFSDM) . . . . . . . . . . . . . . . . . . 38
3.24
Digital camera interface (DCMI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
3.25
LCD-TFT controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.26
JPEG Codec (JPEG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.27
Random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.28
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
3.28.1
High-resolution timer (HRTIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.28.2
Advanced-control timers (TIM1, TIM8) . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.28.3
General-purpose timers (TIMx) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.28.4
Basic timers TIM6 and TIM7 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.28.5
Low-power timers (LPTIM1, LPTIM2, LPTIM3, LPTIM4, LPTIM5) . . . . 44
3.28.6
Independent watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.28.7
Window watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.28.8
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
3.29
Real-time clock (RTC), backup SRAM and backup registers . . . . . . . . . . 45
3.30
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.31
Universal synchronous/asynchronous receiver transmitter (USART) . . . 46
3.32
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 47
3.33
Serial peripheral interface (SPI)/inter- integrated sound interfaces (I2S) . 48
3.34
Serial audio interfaces (SAI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.35
SPDIFRX Receiver Interface (SPDIFRX) . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.36
Single wire protocol master interface (SWPMI) . . . . . . . . . . . . . . . . . . . . 49
3.37
Management Data Input/Output (MDIO) slaves . . . . . . . . . . . . . . . . . . . . 50
3.38
SD/SDIO/MMC card host interfaces (SDMMC) . . . . . . . . . . . . . . . . . . . . 50
3.39
Controller area network (FDCAN1, FDCAN2) . . . . . . . . . . . . . . . . . . . . . 50
3.40
Universal serial bus on-the-go high-speed (OTG_HS) . . . . . . . . . . . . . . . 51
3.41
Ethernet MAC interface with dedicated DMA controller (ETH) . . . . . . . . . 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More