| 전자부품 데이터시트 검색엔진 |
|
STM32L062K8 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062K8 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 124 page ![]() DS10183 Rev 11 41/124 STM32L062x8 Pin descriptions 45 12 12 E3 16 PA6 I/O FT - SPI1_MISO, TSC_G2_IO3, LPUART1_CTS, TIM22_CH1, EVENTOUT, COMP1_OUT ADC_IN6 13 13 F3 17 PA7 I/O FT - SPI1_MOSI, TSC_G2_IO4, TIM22_CH2, EVENTOUT, COMP2_OUT ADC_IN7 14 14 D3 18 PB0 I/O FT - EVENTOUT, TSC_G3_IO2 ADC_IN8, VREF_OUT 15 15 C3 19 PB1 I/O FT - TSC_G3_IO3, LPUART1_RTS/ LPUART1_DE ADC_IN9, VREF_OUT - 16F220 PB2 I/O FT - LPTIM1_OUT, TSC_G3_IO4 - - - E2 21 PB10 I/O FT - TIM2_CH3, TSC_SYNC, LPUART1_TX, I2C2_SCL - - - D2 22 PB11 I/O FT - EVENTOUT, TIM2_CH4, LPUART1_RX, I2C2_SDA - 16 - - 23 VSS S - - - - 17 17 F1 24 VDD S - - - - --- 25 PB12 I/O FT - SPI2_NSS/I2S2_WS, LPUART1_RTS/ LPUART1_DE, TSC_G6_IO2, I2C2_SMBA, EVENTOUT - Table 15. STM32L062x8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |