| 전자부품 데이터시트 검색엔진 |
|
STM32G483CEU6 데이터시트(PDF) 62 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G483CEU6 데이터시트(HTML) 62 Page - STMicroelectronics |
|
62 / 230 page ![]() Pinouts and pin description STM32G483xE 62/230 DS12997 Rev 4 H3 22 22 30 39 J8 47 L10 62 PB10 I/O TT_a - TIM2_CH3, USART3_TX, LPUART1_RX, QUADSPI1_CLK, TIM1_BKIN, SAI1_SCK_A, EVENTOUT COMP5_INM, OPAMP3_VINM, OPAMP4_VINM J2 - 23 31 40 E6 48 K10 63 VSS S - - - - J1 23 24 32 41 F7 49 K11 64 VDD S - - - - H2 24 25 33 42 H8 50 L11 65 PB11 I/O TT_a - TIM2_CH4, USART3_RX, LPUART1_TX, QUADSPI1_BK1_NCS , EVENTOUT ADC12_IN14, COMP6_INP, OPAMP4_VINP, OPAMP6_VOUT G3 25 26 34 43 K8 51 J9 66 PB12 I/O TT_a - TIM5_ETR, I2C2_SMBA, SPI2_NSS/I2S2_WS, TIM1_BKIN, USART3_CK, LPUART1_RTS_DE, FDCAN2_RX, EVENTOUT ADC4_IN3/ ADC1_IN11, COMP7_INM, OPAMP4_VOUT, OPAMP6_VINP H1 26 27 35 44 J9 52 J11 67 PB13 I/O TT_a - SPI2_SCK/I2S2_CK, TIM1_CH1N, USART3_CTS, LPUART1_CTS, FDCAN2_TX, EVENTOUT ADC3_IN5, COMP5_INP, OPAMP3_VINP, OPAMP4_VINP, OPAMP6_VINP G2 27 28 36 45 H9 53 J10 68 PB14 I/O TT_a - TIM15_CH1, SPI2_MISO, TIM1_CH2N, USART3_RTS_DE, COMP4_OUT, EVENTOUT ADC4_IN4/ ADC1_IN5, COMP7_INP, OPAMP2_VINP, OPAMP5_VINP E4 28 29 37 46 K9 54 H8 69 PB15 I/O TT_a - RTC_REFIN, TIM15_CH2, TIM15_CH1N, COMP3_OUT, TIM1_CH3N, SPI2_MOSI/I2S2_SD, EVENTOUT ADC4_IN5/ ADC2_IN15, COMP6_INM, OPAMP5_VINM G1 - - - 47 K10 55 H9 70 PD8 I/O TT_a - USART3_TX, FMC_D13, EVENTOUT ADC4_IN12/ ADC5_IN12, OPAMP4_VINM F3 - - - 48 G8 56 H10 71 PD9 I/O TT_a - USART3_RX, FMC_D14, EVENTOUT ADC4_IN13/ ADC5_IN13, OPAMP6_VINP Table 12. STM32G483xE pin definition (continued) Pin Number Alternate functions Additional functions |