전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G483CEU6 데이터시트(PDF) 229 Page - STMicroelectronics

부품명 STM32G483CEU6
상세설명  Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G483CEU6 데이터시트(HTML) 229 Page - STMicroelectronics

Back Button STM32G483CEU6 Datasheet HTML 222Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 223Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 224Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 225Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 226Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 227Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 228Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 229Page - STMicroelectronics STM32G483CEU6 Datasheet HTML 230Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 229 / 230 page
background image
DS12997 Rev 4
229/230
STM32G483xE
Revision history
229
19-Nov-2020
3
(continued)
Updated:
– Table 31: Current consumption in Stop 0 mode
– Table 32: Current consumption in Standby mode
– Table 51: ESD absolute maximum ratings
– Table 71: DAC 15MSPS characteristics
– Table 74: COMP characteristics
– Table 75: OPAMP characteristics
15-Nov-2021
4
Updated:
– Features
– Section 2: Description
– Section 3.4: Embedded Flash memory
– Table 2: STM32G483xE features and peripheral counts
– Table 5: Temperature sensor calibration values
– Table 12: STM32G483xE pin definition
– Figure 28: ADC accuracy characteristics
– Figure 29: Typical connection diagram when using the ADC with FT/TT pins
featuring analog switch function
– Table 30: Current consumption in Stop 1 mode
– Table 31: Current consumption in Stop 0 mode
– Table 32: Current consumption in Standby mode
– Table 5.3.14: I/O port characteristics
– Table 63: ADC accuracy - limited test conditions 1
– Table 64: ADC accuracy - limited test conditions 2
– Table 65: ADC accuracy - limited test conditions 3
– Figure 74: LQFP128 - Recommended footprint
Table 120. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More