전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L062C8U6DTR 데이터시트(PDF) 112 Page - STMicroelectronics

부품명 STM32L062C8U6DTR
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8U6DTR 데이터시트(HTML) 112 Page - STMicroelectronics

Back Button STM32L062C8U6DTR Datasheet HTML 108Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 109Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 110Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 111Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 112Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 113Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 114Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 115Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
Package information
STM32L062x8
112/124
DS10183 Rev 11
7.5
UFQFPN32 package information
Figure 42. UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine pitch quad flat
package outline
1. Drawing is not to scale.
2. There is an exposed die pad on the underside of the UFQFPN package. It is recommended to connect and
solder this backside pad to PCB ground.
A0B8_ME_V3
1
32
PIN 1 Identifier
SEATINGPLANE
C
C
ddd
A
A1
A3
e
b
D1
b
E2
L
e
E1
E
D2
L
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More