전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L062C8U6DTR 데이터시트(PDF) 41 Page - STMicroelectronics

부품명 STM32L062C8U6DTR
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8U6DTR 데이터시트(HTML) 41 Page - STMicroelectronics

Back Button STM32L062C8U6DTR Datasheet HTML 37Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 38Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 39Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 40Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 41Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 42Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 43Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 44Page - STMicroelectronics STM32L062C8U6DTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
DS10183 Rev 11
41/124
STM32L062x8
Pin descriptions
45
12
12
E3
16
PA6
I/O
FT
-
SPI1_MISO,
TSC_G2_IO3,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
13
13
F3
17
PA7
I/O
FT
-
SPI1_MOSI,
TSC_G2_IO4,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
14
14
D3
18
PB0
I/O
FT
-
EVENTOUT,
TSC_G3_IO2
ADC_IN8,
VREF_OUT
15
15
C3
19
PB1
I/O
FT
-
TSC_G3_IO3,
LPUART1_RTS/
LPUART1_DE
ADC_IN9,
VREF_OUT
-
16F220
PB2
I/O
FT
-
LPTIM1_OUT,
TSC_G3_IO4
-
-
-
E2
21
PB10
I/O
FT
-
TIM2_CH3,
TSC_SYNC,
LPUART1_TX,
I2C2_SCL
-
-
-
D2
22
PB11
I/O
FT
-
EVENTOUT,
TIM2_CH4,
LPUART1_RX,
I2C2_SDA
-
16
-
-
23
VSS
S
-
-
-
-
17
17
F1
24
VDD
S
-
-
-
-
---
25
PB12
I/O
FT
-
SPI2_NSS/I2S2_WS,
LPUART1_RTS/
LPUART1_DE,
TSC_G6_IO2,
I2C2_SMBA,
EVENTOUT
-
Table 15. STM32L062x8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More