전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L082CZU6DTR 데이터시트(PDF) 40 Page - STMicroelectronics

부품명 STM32L082CZU6DTR
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CZU6DTR 데이터시트(HTML) 40 Page - STMicroelectronics

Back Button STM32L082CZU6DTR Datasheet HTML 36Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 37Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 38Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 39Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 40Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 41Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 42Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 43Page - STMicroelectronics STM32L082CZU6DTR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 132 page
background image
Pin descriptions
STM32L082xx
40/132
DS10688 Rev 7
--
6
D7
PH1-
OSC_OUT
(PH1)
I/O
TC
-
-
OSC_OUT
4
3
7
D5
NRST
I/O
-
-
-
-
-
-
C5
PC0
I/O
FTf
-
LPTIM1_IN1,
EVENTOUT,
TSC_G7_IO1,
LPUART1_RX, I2C3_SCL
ADC_IN10
-
-
-
C4
PC1
I/O
FTf
-
LPTIM1_OUT,
EVENTOUT,
TSC_G7_IO2,
LPUART1_TX, I2C3_SDA
ADC_IN11
-
-
-
E7
PC2
I/O
FTf
-
LPTIM1_IN2,
SPI2_MISO/I2S2_MCK,
TSC_G7_IO3
ADC_IN12
-
4
8
-
VSSA
S
-
-
-
--
-
E6
VREF+
S
-
-
-
55
9
F7
VDDA
S
-
-
-
6
6
10
E5
PA0
I/O TTa
-
TIM2_CH1,
TSC_G1_IO1,
USART2_CTS,
TIM2_ETR, USART4_TX,
COMP1_OUT
COMP1_INM,
ADC_IN0,
RTC_TAMP2/WKUP1
7
7
11
E4
PA1
I/O
FT
-
EVENTOUT, TIM2_CH2,
TSC_G1_IO2,
USART2_RTS/
USART2_DE,
TIM21_ETR,
USART4_RX
COMP1_INP, ADC_IN1
8
8
12
F6
PA2
I/O
FT
-
TIM21_CH1, TIM2_CH3,
TSC_G1_IO3,
USART2_TX,
LPUART1_TX,
COMP2_OUT
COMP2_INM, ADC_IN2
Table 15. STM32L082xx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More