| 전자부품 데이터시트 검색엔진 |
|
STM32L151RB-A 데이터시트(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RB-A 데이터시트(HTML) 98 Page - STMicroelectronics |
|
98 / 129 page ![]() Electrical characteristics STM32L151x6/8/B-A STM32L152x6/8/B-A 98/129 DocID024330 Rev 4 Figure 26. ADC accuracy characteristics Figure 27. Typical connection diagram using the ADC 1. Refer to Table 57: Maximum source impedance RAIN max for the value of RAIN and Table 55: ADC characteristics for the value of CADC 2. Cparasitic represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad capacitance (roughly 7 pF). A high Cparasitic value will downgrade conversion accuracy. To remedy this, fADC should be reduced. |