| 전자부품 데이터시트 검색엔진 |
|
STM32L062T8F7DTR 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L062T8F7DTR 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 124 page ![]() Pin descriptions STM32L062x8 40/124 DS10183 Rev 11 --- 6 PH1- OSC_OUT (PH1) I/O TC - - OSC_OUT 4 4 C6 7 NRST I/O RST - - - -- E6 - VREF+ S - - - - - - - 8 VSSA S - - - - 5 5 D5 9 VDDA S - - - - 66 D4 10 PA0 I/O TC - TIM2_CH1, TSC_G1_IO1, USART2_CTS, TIM2_ETR, COMP1_OUT COMP1_INM6, ADC_IN0, RTC_TAMP2/WKUP 1 7 7 F6 11 PA1 I/O FT - EVENTOUT, TIM2_CH2, TSC_G1_IO2, USART2_RTS/ USART2_DE, TIM21_ETR COMP1_INP, ADC_IN1 88 E5 12 PA2 I/O FT - TIM21_CH1, TIM2_CH3, TSC_G1_IO3, USART2_TX, COMP2_OUT COMP2_INM6, ADC_IN2 9 9 F5 13 PA3 I/O FT - TIM21_CH2, TIM2_CH4, TSC_G1_IO4, USART2_RX COMP2_INP, ADC_IN3 10 10 E4 14 PA4 I/O TC (1) SPI1_NSS, TSC_G2_IO1, USART2_CK, TIM22_ETR COMP1_INM4, COMP2_INM4, ADC_IN4, DAC_OUT 11 11 F4 15 PA5 I/O TC - SPI1_SCK, TIM2_ETR, TSC_G2_IO2, TIM2_CH1 COMP1_INM5, COMP2_INM5, ADC_IN5 Table 15. STM32L062x8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |