| 전자부품 데이터시트 검색엔진 |
|
STM32G483CEU3 데이터시트(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G483CEU3 데이터시트(HTML) 12 Page - STMicroelectronics |
|
12 / 230 page ![]() Introduction STM32G483xE 12/230 DS12997 Rev 4 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32G483xE microcontrollers. This document should be read in conjunction with the reference manual RM0440 “STM32G4 Series advanced Arm® 32-bit MCUs”. The reference manual is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 technical reference manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |