전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L082CBY3DTR 데이터시트(PDF) 44 Page - STMicroelectronics

부품명 STM32L082CBY3DTR
상세설명  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CBY3DTR 데이터시트(HTML) 44 Page - STMicroelectronics

Back Button STM32L082CBY3DTR Datasheet HTML 40Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 41Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 42Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 43Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 44Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 45Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 46Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 47Page - STMicroelectronics STM32L082CBY3DTR Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
Pin descriptions
STM32L082xx
44/132
DS10688 Rev 7
-
-
46
A6
PB9
I/O
FTf
-
EVENTOUT, I2C1_SDA,
SPI2_NSS/I2S2_WS
-
32
31
47
-
VSS
S
-
-
-
-
-32
48
A7
VDD
S
-
-
-
-
1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx.
2. PA4 and PA5 offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling capacitor I/Os.
3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead.
Table 15. STM32L082xx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More