| 전자부품 데이터시트 검색엔진 |
|
STM32L151C8T7ADTR 데이터시트(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151C8T7ADTR 데이터시트(HTML) 42 Page - STMicroelectronics |
|
42 / 129 page ![]() Pin descriptions STM32L151x6/8/B-A STM32L152x6/8/B-A 42/129 DocID024330 Rev 4 51 33 H8 L12 25 PB12 I/O FT PB12 SPI2_NSS/I2C2_SMBA/ USART3_CK/ LCD_SEG12/ TIM10_CH1 ADC_IN18/ COMP1_INP /VLCDRAIL2 52 34 G8 K12 26 PB13 I/O FT PB13 SPI2_SCK/ USART3_CTS/ LCD_SEG13/TIM9_CH1 ADC_IN19/ COMP1_INP 53 35 F8 K11 27 PB14 I/O FT PB14 SPI2_MISO/ USART3_RTS/ LCD_SEG14/TIM9_CH2 ADC_IN20/ COMP1_INP 54 36 F7 K10 28 PB15 I/O FT PB15 SPI2_MOSI/ LCD_SEG15/ TIM11_CH1 ADC_IN21/ COMP1_INP/ RTC_REFIN 55 - - K9 - PD8 I/O FT PD8 USART3_TX/ LCD_SEG28 - 56 - - K8 - PD9 I/O FT PD9 USART3_RX/ LCD_SEG29 - 57 - - J12 - PD10 I/O FT PD10 USART3_CK/ LCD_SEG30 - 58 - - J11 - PD11 I/O FT PD11 USART3_CTS/ LCD_SEG31 - 59 - - J10 - PD12 I/O FT PD12 TIM4_CH1/ USART3_RTS/ LCD_SEG32 - 60 - - H12 - PD13 I/O FT PD13 TIM4_CH2/LCD_SEG33 - 61 - - H11 - PD14 I/O FT PD14 TIM4_CH3/LCD_SEG34 - 62 - - H10 - PD15 I/O FT PD15 TIM4_CH4/LCD_SEG35 - 63 37 F6 E12 - PC6 I/O FT PC6 TIM3_CH1/LCD_SEG24 - 64 38 E7 E11 - PC7 I/O FT PC7 TIM3_CH2/LCD_SEG25 - 65 39 E8 E10 - PC8 I/O FT PC8 TIM3_CH3/LCD_SEG26 - 66 40 D8 D12 - PC9 I/O FT PC9 TIM3_CH4/LCD_SEG27 - Table 9. STM32L151x6/8/B-A and STM32L152x6/8/B-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |