전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STMPE812 데이터시트(PDF) 23 Page - STMicroelectronics

부품명 STMPE812
상세설명  S-Touch® enhanced 4-wire resistive touchscreen controller with PWM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE812 데이터시트(HTML) 23 Page - STMicroelectronics

Back Button STMPE812 Datasheet HTML 19Page - STMicroelectronics STMPE812 Datasheet HTML 20Page - STMicroelectronics STMPE812 Datasheet HTML 21Page - STMicroelectronics STMPE812 Datasheet HTML 22Page - STMicroelectronics STMPE812 Datasheet HTML 23Page - STMicroelectronics STMPE812 Datasheet HTML 24Page - STMicroelectronics STMPE812 Datasheet HTML 25Page - STMicroelectronics STMPE812 Datasheet HTML 26Page - STMicroelectronics STMPE812 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
STMPE812
ADC controller
Doc ID 17732 Rev 3
23/51
9
ADC controller
A 12-bit ADC is integrated in the STMPE812. The ADC could be used as generic analog-
digital converter, or a touchscreen controller capable of controlling a 4-wire resistive
touchscreen.
The ADC works ONLY with internal reference (equal to VCC), always 12 bit.
Table 8.
ADC controller register
Address
Register name
Bit
Type
Reset
Description
0x20
ADC control
8
R/W
0x32
ADC control
0x21-0x22
ADC data
16
R
0x0000
ADC data access (P0/P1)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51