전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P5NK50ZFP 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 P5NK50ZFP
상세설명  N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P5NK50ZFP 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button P5NK50ZFP Datasheet HTML 16Page - STMicroelectronics P5NK50ZFP Datasheet HTML 17Page - STMicroelectronics P5NK50ZFP Datasheet HTML 18Page - STMicroelectronics P5NK50ZFP Datasheet HTML 19Page - STMicroelectronics P5NK50ZFP Datasheet HTML 20Page - STMicroelectronics P5NK50ZFP Datasheet HTML 21Page - STMicroelectronics P5NK50ZFP Datasheet HTML 22Page - STMicroelectronics P5NK50ZFP Datasheet HTML 23Page - STMicroelectronics P5NK50ZFP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
4.6
TO-220FP package information
Figure 28. TO-220FP package outline
7012510_Rev_12_B
STB5NK50Z-1,STD5NK50ZT4,STP5NK50Z,STP5NK50ZFP,STU5NK50Z
TO-220FP package information
DS2834 - Rev 6
page 20/29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com