전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AVR 데이터시트(PDF) 6 Page - TDK Electronics

부품명 AVR
상세설명  Chip varistors ESD/Voltage protection devices
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TDK [TDK Electronics]
홈페이지  http://www.tdk.com
Logo TDK - TDK Electronics

AVR 데이터시트(HTML) 6 Page - TDK Electronics

Back Button AVR Datasheet HTML 2Page - TDK Electronics AVR Datasheet HTML 3Page - TDK Electronics AVR Datasheet HTML 4Page - TDK Electronics AVR Datasheet HTML 5Page - TDK Electronics AVR Datasheet HTML 6Page - TDK Electronics AVR Datasheet HTML 7Page - TDK Electronics AVR Datasheet HTML 8Page - TDK Electronics AVR Datasheet HTML 9Page - TDK Electronics AVR Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(6/12)
20220209 / vpd_varistors_avr_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
Voltage Protection Devices
Chip varistors
DISCHARGE VOLTAGE WAVEFORM (EXAMPLE)
WITHOUT VARISTOR, WAVEFORM AT VARISTOR INSTALLATION
WAVEFORM AT VARISTOR INSTALLATION
Test conditions
150pF/330
 (IEC61000-4-2)
Contact discharge, Charged voltage 8kV
TEST CIRCUIT DIAGRAM
AVR/SGNE series 
Electrostatic absorption characteristics
RoHS Directive Compliant Product
Compatible with lead-free solders
–50
0
50
100
150
200
250
300
Time(ns)
1600
1200
1000
800
400
600
200
–200
1800
1400
0
Without Varistor
AVRH10C270KT150NA8
AVR-M1608C270KT6AB
AVR-M1608C220KT6AB
–50
0
50
100
150
200
250
300
Time(ns)
160
120
100
80
40
60
20
–20
180
140
0
AVRH10C270KT150NA8
AVR-M1608C270KT6AB
AVR-M1608C220KT6AB
50
Ω
Discharge gun
ESD
simulator
Test
sample
Oscilloscope
60dB attenuator
I/O impedance: 50
Ω
ESD Simulator
Discharge
Point
Chip
Varistor
PCB
SMA
Connector
Coaxial
Cable
Attenuator(60dB)
50
Ω
Oscilloscope
50
Ω
Shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com