전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB16-600SW 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 BTB16-600SW
상세설명  Snubberless™, logic level and standard 16 A Triacs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB16-600SW 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button BTB16-600SW Datasheet HTML 8Page - STMicroelectronics BTB16-600SW Datasheet HTML 9Page - STMicroelectronics BTB16-600SW Datasheet HTML 10Page - STMicroelectronics BTB16-600SW Datasheet HTML 11Page - STMicroelectronics BTB16-600SW Datasheet HTML 12Page - STMicroelectronics BTB16-600SW Datasheet HTML 13Page - STMicroelectronics BTB16-600SW Datasheet HTML 14Page - STMicroelectronics BTB16-600SW Datasheet HTML 15Page - STMicroelectronics BTB16-600SW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Figure 15. D²PAK recommended footprint (dimensions are in mm)
16.90
10.30
3.70
5.08
1.30
8.90
T1610, T1635, T1650, BTA16, BTB16
D²PAK package information
DS2114 - Rev 11
page 12/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18