전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB08-600SWRG 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 BTB08-600SWRG
상세설명  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB08-600SWRG 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button BTB08-600SWRG Datasheet HTML 13Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 14Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 15Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 16Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 17Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 18Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 19Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 20Page - STMicroelectronics BTB08-600SWRG Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Table 10. Product selector
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600
800
T810-xxxB
X
X
10 mA
Logic Level
DPAK
T835-xxxH
X
35 mA
Snubberless™
IPAK
T810-xxxG
X
10 mA
Logic Level
D2PAK
T835-xxxG
X
X
35 mA
Snubberless™
D2PAK
T850-xxxG
X
X
50 mA
Snubberless™
D2PAK
BTA08-xxxS
X
10 mA
Logic Level
TO-220AB Ins.
BTA08-xxxC
X
X
35 mA
Standard
TO-220AB Ins.
BTA08-xxxB
X
50 mA
Standard
TO-220AB Ins.
BTA08-xxxTW
X
5 mA
Logic Level
TO-220AB Ins.
BTA08-xxxSW
X
10 mA
Logic Level
TO-220AB Ins.
BTA08-xxxCW
X
35 mA
Snubberless™
TO-220AB Ins.
BTA08-xxxBW
X
X
50 mA
Snubberless™
TO-220AB Ins.
BTB08-xxxS
X
10 mA
Logic Level
TO-220AB
BTB08-xxxC
X
35 mA
Standard
TO-220AB
BTB08-xxxB
X
50 mA
Standard
TO-220AB
BTB08-xxxTW
X
X
5 mA
Logic Level
TO-220AB
BTB08-xxxSW
X
10 mA
Logic Level
TO-220AB
BTB08-xxxCW
X
X
35 mA
Snubberless™
TO-220AB
BTB08-xxxBW
X
50 mA
Snubberless™
TO-220AB
BTA08, BTB08, T810, T835, T850
Ordering information
DS2114 - Rev 15
page 18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21