| 전자부품 데이터시트 검색엔진 |
|
TDA7720BTR 데이터시트(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7720BTR 데이터시트(HTML) 25 Page - STMicroelectronics |
|
25 / 42 page ![]() DocID024331 Rev 2 25/42 TDA7720B Description of audioprocessor 4.14 Audioprocessor testing In the test mode, which can be activated by setting bit D7 of the I2C subaddress byte and bit D0 of the testing audioprocessor byte, several internal signals are available at the QD2G pin. In this mode, the input resistance of 100 kOhm is disconnected from the pin. Internal signals available for testing are listed in the data-byte specification. Figure 19. Test circuit |