전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP9972GI 데이터시트(PDF) 2 Page - Advanced Power Electronics Corp.

부품명 AP9972GI
상세설명  N-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  A-POWER [Advanced Power Electronics Corp.]
홈페이지  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9972GI 데이터시트(HTML) 2 Page - Advanced Power Electronics Corp.

  AP9972GI Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9972GI Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9972GI Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9972GI Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
60
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.06
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=23A
-
-
18
mΩ
VGS=4.5V, ID=12A
-
-
22
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=23A
-
40
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=60V, VGS=0V
-
-
10
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=48V ,VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±25V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=23A
-
35
56
nC
Qgs
Gate-Source Charge
VDS=48V
-
9.5
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
20
-
nC
td(on)
Turn-on Delay Time
2
VDS=30V
-
12
-
ns
tr
Rise Time
ID=35A
-
37
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
47
-
ns
tf
Fall Time
RD=0.86Ω
-59
-
ns
Ciss
Input Capacitance
VGS=0V
-
3160
5060
pF
Coss
Output Capacitance
VDS=25V
-
280
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
230
-
pF
Rg
Gate Resistance
f=1.0MHz
-
1.6
2.4
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=23A, VGS=0V
-
-
1.2
V
t
rr
Reverse Recovery Time
IS=23A, VGS=0V,
-
36
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
45
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Starting Tj=25
oC , V
DD=30V , L=1mH , RG=25Ω , IAS=30A.
AP9972GI



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com