전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DPS422 데이터시트(PDF) 21 Page - Infineon Technologies AG

부품명 DPS422
상세설명  Digital barometric pressure & temp sensor for portable and IOT devices
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DPS422 데이터시트(HTML) 21 Page - Infineon Technologies AG

Back Button DPS422 Datasheet HTML 17Page - Infineon Technologies AG DPS422 Datasheet HTML 18Page - Infineon Technologies AG DPS422 Datasheet HTML 19Page - Infineon Technologies AG DPS422 Datasheet HTML 20Page - Infineon Technologies AG DPS422 Datasheet HTML 21Page - Infineon Technologies AG DPS422 Datasheet HTML 22Page - Infineon Technologies AG DPS422 Datasheet HTML 23Page - Infineon Technologies AG DPS422 Datasheet HTML 24Page - Infineon Technologies AG DPS422 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Processor
DPS422
I2C Serial
Interface
SDA
SCL
INT
SDI
SCK
SDO
CSB
GND
VDD
VDDIO
1.2V to 3.6V
1.7V to 3.6V
VDDIO
VDDIO
N.C.
R1
R2
R3 (I²C Addr. LSB only)
C1
C2
Interrupt (optional)
Figure 6
Application circuit example using the I2C serial interface.
Processor
DPS422
SPI Serial
Interface
MISO
MOSI
SS
SDO
SDI
CSB
SCK
GND
VDD
VDDIO
1.2V to 3.6V
1.7V to 3.6V
C1
C2
SCL
Figure 7
Application circuit example using the SPI 4-wires serial interface
Processor
DPS422
SPI Serial
Interface
IO
SCL
INT
SDI
SCK
SDO
CSB
GND
VDD
VDDIO
1.2V to 3.6V
1.7V to 3.6V
C1
C2
Interrupt (optional)
SS
Figure 8
Application circuit example using the SPI 3-wire serial interface
DPS422
Digital barometric pressure & temp sensor for portable and IOT devices
Applications
Datasheet
21
2018-08-02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com