전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DF2B12M4SL 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 DF2B12M4SL
상세설명  ESD Protection Diodes Silicon Epitaxial Planar
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2B12M4SL 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  DF2B12M4SL Datasheet HTML 1Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 2Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 3Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 4Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 5Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 6Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 7Page - Toshiba Semiconductor DF2B12M4SL Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DF2B12M4SL
4
8.
8.
8.
8. Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, T
Electrical Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
VRWM: Working peak reverse voltage
VBR: Reverse breakdown voltage
IBR: Reverse breakdown current
IR: Reverse current
VC: Clamp voltage
IPP: Peak pulse current
RDYN: Dynamic resistance
Fig.
Fig.
Fig.
Fig. 8.1
8.1
8.1
8.1 Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Definitions of Electrical Characteristics
Characteristics
Working peak reverse voltage
Total capacitance
Dynamic resistance
Reverse breakdown voltage
Reverse current
Clamp voltage
Symbol
VRWM
Ct
RDYN
VBR
IR
VC
Note
(Note 1)
(Note 2)
(Note 3)
(Note 2)
Test Condition
VR = 0 V, f = 1 MHz
IBR = 1 mA
VRWM = 11 V
IPP = 1 A
ITLP = 8 A
ITLP = 16 A
Min
11.5
Typ.
0.2
0.65
13.5
17
22
27
Max
11
0.4
16.0
0.1
22
Unit
V
pF
Ω
V
µA
V
V
Note 1: Recommended operating condition.
Note 2: TLP parameters: Z0 = 50 Ω, tp = 100 ns, tr = 300 ps, averaging window: t1 = 30 ns to t2 = 60 ns, extraction of
dynamic resistance using least squares fit of TLP characteristics between IPP1 = 8 A and IPP2 = 16 A.
Note 3: Based on IEC61000-4-5 8/20 µs pulse.
2018-03-28
Rev.2.0
©2018
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com