전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTGS25X120BTP2 데이터시트(PDF) 4 Page - Advanced Power Technology

부품명 APTGS25X120BTP2
상세설명  Input rectifier bridge Brake 3 Phase Bridge NPT IGBT Power Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADPOW [Advanced Power Technology]
홈페이지  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGS25X120BTP2 데이터시트(HTML) 4 Page - Advanced Power Technology

  APTGS25X120BTP2 Datasheet HTML 1Page - Advanced Power Technology APTGS25X120BTP2 Datasheet HTML 2Page - Advanced Power Technology APTGS25X120BTP2 Datasheet HTML 3Page - Advanced Power Technology APTGS25X120BTP2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APTGS25X120RTP2
APTGS25X120BTP2
APT website – http://www.advancedpower.com
4 - 4
4. Package outline
PIN 1
PIN 24
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4