전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVK-R6801-00B 데이터시트(PDF) 13 Page - u-blox AG

부품명 EVK-R6801-00B
상세설명  LARA-R6 series cellular evaluation kit
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R6801-00B 데이터시트(HTML) 13 Page - u-blox AG

Back Button EVK-R6801-00B Datasheet HTML 9Page - u-blox AG EVK-R6801-00B Datasheet HTML 10Page - u-blox AG EVK-R6801-00B Datasheet HTML 11Page - u-blox AG EVK-R6801-00B Datasheet HTML 12Page - u-blox AG EVK-R6801-00B Datasheet HTML 13Page - u-blox AG EVK-R6801-00B Datasheet HTML 14Page - u-blox AG EVK-R6801-00B Datasheet HTML 15Page - u-blox AG EVK-R6801-00B Datasheet HTML 16Page - u-blox AG EVK-R6801-00B Datasheet HTML 17Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
EVK-R6 - User guide
UBX-21035387 - R02
Appendix
Page 13 of 23
C1-Public
Appendix
A Setting up AT terminal applications for
communication with EVK-R6
The u-blox m-center cellular module evaluation tool is a powerful platform for evaluating, configuring
and testing u-blox cellular products. m-center includes an AT commands terminal for communication
with the device and can be downloaded free-of-charge from our website (http://www.u-blox.com).
1.
Follow the board setup instructions in section 1.8 to provide all the required connections and
switching on the cellular module.
2.
Run the m-center tool: after the m-center start-up, the Home page appears.
3.
On the Home page, set up the AT COM port;
for the setting values see section 1.8.
Check with the Windows Device Manager to
find out which COM port is being used by the
EVK-R6.
Figure 4: “Home” page
4.
Enable the connection to u-blox cellular
module by clicking on the Connect button.
5.
Retrieve the module and network information
by clicking on the Get Info button.
6.
The module information is retrieved and
displayed on the Home page.
7.
Click on the AT Terminal button, found at the
upper right of the Home page. A new window
opens and the AT-command terminal is now
ready for communication with the EVK-R6.
Figure 5: AT Terminal window
8.
The AT terminal is ready to use.
For the complete list of AT commands
supported by the modules and their syntax,
see the u-blox AT commands manual [1].
For more information on using the u-blox m-center cellular module evaluation tool, press the F1 key
on the keyboard to open the m-center help window on the computer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23