| 전자부품 데이터시트 검색엔진 |
|
MM22 데이터시트(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MM22 데이터시트(HTML) 4 Page - Vishay Siliconix |
|
4 / 7 page ![]() MM22, MM24 www.vishay.com Vishay Dale Revision: 24-Feb-14 4 Document Number: 36008 For technical questions, contact: connectors@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 MOUNTING VARIATIONS in inches [millimeters] DIP SOLDER PC BOARD MOUNTING PATTERNS Male (MMP) connector shown - female is opposite. Contact, contact row and mating hole CL to CL Dimensions also applies to solder cup style connectors. 5 CONTACTS 7 CONTACTS 0.140 [3.56] Typ. 0.562 [14.27] 0.093 [2.36] Dia. Typ. 0.282 [7.16] Ref. 0.047 [1.19] Typ. 0.081 [2.06] 0.040 [1.02] A B 0.140 [3.56] Typ. 0.081 [2.06] 0.093 [2.36] Dia. Typ. 0.040 [1.02] 0.468 [11.89] 0.188 [4.78] Ref. 0.047 [1.19] Typ. 9 CONTACTS 0.140 [3.56] Typ. 0.047 [1.19] Typ. 0.093 [2.36] Dia. Typ. 0.081 [2.06] 0.040 [1.02] 0.376 [9.55] Ref. 0.656 [16.66] A B A B 0.047 [1.19] Typ. 14 CONTACTS 0.124 [3.15] Typ. 0.162 [4.11] 0.081 [2.06] 0.376 [9.55] Ref. 0.093 [2.36] Dia. Typ. 0.625 [15.88] 11 CONTACTS 0.047 [1.19] Typ. 0.090 [2.29] Typ. 0.270 [6.86] Ref. 0.656 [16.66] 0.376 [9.55] Ref. 0.135 [3.43] Typ. 0.093 [2.36] Dia. Typ. 0.140 [3.56] Typ. 18 CONTACTS 0.125 [3.17] Typ. 0.162 [4.11] 0.532 [13.51] 0.282 [7.16] Ref. 0.047 [1.19] Typ. 0.081 [2.06] 0.093 [2.36] Dia. Typ. A B C A B C A B C D 29 CONTACTS 0.162 [4.11] 0.047 [1.19] Typ. 0.846 [21.49] Ref. 0.093 [2.36] Dia. Typ. 0.124 [3.15] Typ. 0.081 [2.06] 1.09 [27.69] A B C 20 CONTACTS 26 CONTACTS 0.093 [2.36] Dia. Typ. 0.162 [4.11] 0.124 [3.15] Typ. 0.047 [1.19] Typ. 0.081 [2.06] 1.0 [25.40] 0.752 [19.10] Ref. A C B 0.081 [2.06] 0.047 [1.19] Typ. 0.162 [4.11] 0.125 [3.17] Typ. 0.093 [2.36] Dia. Typ. 0.564 [14.33] Ref. 0.814 [20.68] A B C 50 CONTACTS 44 CONTACTS 34 CONTACTS 0.093 [2.36] Dia. Typ. 1.03 [26.16] 0.140 [3.56] Typ. 0.270 [6.86] Typ. 0.135 [3.43] 0.090 [2.29] Typ. 0.752 [19.10] Ref. 0.047 [1.19] Typ. A B C D 0.093 [2.36] Dia. Typ. 1.41 [35.81] 0.140 [3.56] Typ. 0.270 [6.86] Ref. 0.135 [3.43] Typ. 0.090 [2.29] Typ. 1.13 [28.70] Ref. 0.047 [1.19] Typ. A B C D A B C D 0.093 [2.36] Dia. Typ. 1.28 [32.51] 0.147 [3.73] Typ. 0.270 [6.86] Typ. 0.135 [3.43] 0.090 [2.29] Typ. 0.987 [25.07] Ref. 0.047 [1.19] Typ. |