전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIO-5152 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 MIO-5152
상세설명  Intel® Atom® x6000E series and Intel Celeron N and J series 3.5" SBC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-5152 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  MIO-5152 Datasheet HTML 1Page - Advantech Co., Ltd. MIO-5152 Datasheet HTML 2Page - Advantech Co., Ltd. MIO-5152 Datasheet HTML 3Page - Advantech Co., Ltd. MIO-5152 Datasheet HTML 4Page - Advantech Co., Ltd. MIO-5152 Datasheet HTML 5Page - Advantech Co., Ltd. MIO-5152 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-5152
Intel® Atom® x6000E series and
Intel® Celeron® N and J series 3.5" SBC
Specifications
Platform
Processor
Intel® Celeron® J6412
Intel® Celeron® N6210
Intel Atom® x6425E
Max Frequency
2.6GHz
2.6GHz
3.0GHz
Base Frequency
2.0GHz
1.2GHz
2.0GHz
Core/Thread
4/4
2/2
4/4
LLC
L2
L2
L2
CPU TDP
10W
6.5W
12W
Chipset
Intel® Chipset (SoC Integrated)
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR4-3200 SDRAM
Max Capacity
32GB
Channel/Socket
Single Channel/ 1 Socket
ECC Support
N/A
N/A
In-Band ECC Supported by SoC
Graphic
Controller
Intel Gen11 Graphics Engines (SoC integrated)
Max Frequency
800MHz
750MHz
750MHz
Base Frequency
400MHz
250MHz
500MHz
Graphic Memory
TBU
3D/HW Acceleration
DX12, OGL4.5, OCL1.2, Vulkan 1.1, MPEG2, H.264, JPEG/MJPEG, H.265 (HEVC)
Display I/F
LCD
1 x LVDS: Dual Channel 18/24-bit, up to 1920 x 1200
HDMI/DP
1 x HDMI2.0 up to 4096 x 2160 x 24bpp @ 60Hz
1 x DP1.4a, up to 4096 x 2160 x 36bpp@60Hz
Triple Display
3 simultaneous displays with LVDS, HDMI, DP
External I/O
Ethernet
2 x RJ-45; LAN1: Realtek RTL8111H, LAN2: Realtek RTL8111H
HDMI/DP
1/1
USB3.2
4 x TypeA; 4 x USB3.2 Gen2 (10Gbps)
Power DC-Jack
Optional
Internal I/O
SATA
1 x SATA GenIII 6.0 Gbps
USB
2 x USB2.0
Serial Bus
I2C
COM Ports
2 x RS-232/422/485 (Max baud rate: 1Mbps), 4 x RS-232
GPIO
8-bit general purpose input output I/O
Audio
Realtek ALC888S, Line-in/Line-out/MIC
Inverter
12V/5V
SPI Bus
eSPI
Fan
4-wire smart fan
Front Panel Control
Power-on, Reset, Buzzer, SATA LED, CaseOpen
Board Feature
Watchdog Timer
Programmable 1 ~ 255 sec/min
TPM
TPM2.0
Expansion
M.2 E-Key/B-Key
1 x E-Key 2230 (PCIex1, USB2.0)
Optional B-key 3042 w/ NanoSIM
M.2 M-Key
1 x M-key 2242 (SATA)
Power
Supply Voltage
Vin: DC 12V ± 10%; RTC Battery Lithium 3V/210mAH
Connector
ATX 2x2pin 90D, optional DC-Jack
Power Management
AT, ATX mode
Max Consumption
1.78 @12V (21.39Watt)
Idle Consumption
0.61 @12V (7.31Watt)
Environment
Temperature
Operating Standard: 0 ~ 60 °C (32 ~ 140 °F)
Humidity
Operating: 40 @95% relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Certification
EMC
CE, FCC Class B
Mechanical
Dimensions
146 x 102 mm (5.7" x 4")
Net weight
ƒ
Atom® x6000E series and Intel® Celeron® J and N series with Quad/Dual
Cores, TDP 6W/ 10W/ 12W
ƒ
Single Channel DDR4-3200 up to 32GB
ƒ
3 independent displays via LVDS, DP1.4, and HDMI2.0 up to 4K@60Hz
ƒ
Dual GbE, 6 USB, 6 UART, TPM2.0
ƒ
CE/FCC Class B, Coastline I/O ESD 8KV/15KV Criteria A
ƒ
Support Windows 10 LTSC & Ubuntu 20.04 LTS, embedded software APIs,
WISE-DeviceOn
Software APIs:
GPIO
Watch Dog
Timer
Backlight
On/Off
Brightness
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
Smart Fan
Data
Security
System Info
I2C
NEW
All product specifications are subject to change without notice.
Last updated: 27-May-2022


유사한 부품 번호 - MIO-5152

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
MIO-5250 ADVANTECH-MIO-5250 Datasheet
1Mb / 2P
Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
MIO-5250 ADVANTECH-MIO-5250 Datasheet
271Kb / 2P
10.1' WSVGA Industrial Display kit with Touch Solution
MIO-5250D-S8A1E ADVANTECH-MIO-5250D-S8A1E Datasheet
1Mb / 2P
Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
MIO-5250D-S8A1E ADVANTECH-MIO-5250D-S8A1E Datasheet
762Kb / 2P
Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast, iManager, MIOe
MIO-5250D-S8A1E ADVANTECH-MIO-5250D-S8A1E Datasheet
775Kb / 2P
Intel짰 Atom??N2600/ D2550, 3.5" MI/O-Compact SBC, DDR3, HDMI, Dual LVDS, VGA, 2 GbE, CFast,iManager, MIOe
More results

유사한 설명 - MIO-5152

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
MIO-5850 ADVANTECH-MIO-5850 Datasheet
4Mb / 6P
Intel® Celeron J1900 & Atom™ E3825/ E3845, 3.5" SBC
17-Aug-2021
PCM-9366 ADVANTECH-PCM-9366 Datasheet
822Kb / 2P
Intel® Pentium N4200, Celeron N3350 & Atom™ E3950, 3.5" MI/O SBC
18-Mar-2021
SOM-2569 ADVANTECH-SOM-2569 Datasheet
8Mb / 6P
Intel® Atom™ E3900 / Pentium® / Celeron® N Series SMARC Module
13-Oct-2021
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
GENESYS-BT05 AAEON-GENESYS-BT05 Datasheet
378Kb / 2P
3.5" SubCompact Board System with Intel® Atom™ and Celeron® Processor SoC
2022/10/05
PICO-EHL1 AAEON-PICO-EHL1 Datasheet
558Kb / 2P
Pico-ITX Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2023/04/14
PICO-EHL4 AAEON-PICO-EHL4 Datasheet
531Kb / 2P
Pico-ITX Board with Intel® Atom™ x6000E Series, Intel® Pentium®, and Celeron® N and J series processors
2022/11/24
logo
BCM Advanced Research.
ECM-3455J BCM-ECM-3455J Datasheet
647Kb / 1P
Intel® Celeron J3455 3.5” SBC Micro Module
07/11/2022
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
logo
AAEON Technology
UPN-EDGE-EHLCN2-A10-0232 AAEON-UPN-EDGE-EHLCN2-A10-0232 Datasheet
798Kb / 2P
UP Squared 6000 System with Intel® Atom® x6000E Pentium® Celeron® Processor SoC
2022/11/01
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com