전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BXY56 데이터시트(PDF) 1 Page - Advanced Semiconductor

부품명 BXY56
상세설명  SILICON MULTIPLIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASI [Advanced Semiconductor]
홈페이지  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

BXY56 데이터시트(HTML) 1 Page - Advanced Semiconductor

  BXY56 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VB
IR = 10
µA
60
V
Cj
VR = -6.0 V
f = 1.0 MHz
1.5
2.5
pF
fc-6
VR = 6.0 V
f = 10 GHz
160
GHz
Tl
6.0 mA / 10 mA
60
µµµµS
Tt
10 V / 10 mA
350
pS
MARKING
INK DOT INDICATES CATHODE END
SILICON MULTIPLIER DIODE
BXY56
PACKAGE STYLE 51
DESCRIPTION:
The
ASI BXY56 is a Varactor Diode
Designed for Operation in Low and
High Order Multiplier Circuits.
MAXIMUM RATINGS
IC
100 mA
VCE
60 V
PDISS
5.2 W @ TC = 50
OC
TJ
-55
OC to +175 OC
TSTG
-55
OC to +175 OC
θθθθ
JC
24
OC/W


유사한 부품 번호 - BXY56

제조업체부품명데이터시트상세설명
logo
Siemens Semiconductor G...
BXY42 SIEMENS-BXY42 Datasheet
104Kb / 6P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
logo
Infineon Technologies A...
BXY42 INFINEON-BXY42 Datasheet
414Kb / 5P
HiRel Silicon PIN Diode
September 99
BXY42 INFINEON-BXY42 Datasheet
152Kb / 5P
HiRel Silicon PIN Diode
V2, February 2011
logo
Siemens Semiconductor G...
BXY42-T SIEMENS-BXY42-T Datasheet
104Kb / 6P
HiRel Silicon PIN Diode (HiRel Discrete and Microwave Semiconductor PIN Diode for high speed switching of RF signals)
logo
Infineon Technologies A...
BXY42-T INFINEON-BXY42-T Datasheet
414Kb / 5P
HiRel Silicon PIN Diode
September 99
More results

유사한 설명 - BXY56

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE311 NTE-NTE311 Datasheet
21Kb / 2P
Silicon NPN Transistor Frequency Multiplier, Driver, VHF/UHF
logo
Advanced Semiconductor
1N4387 ASI-1N4387 Datasheet
26Kb / 1P
SILICON MULTIPLIER VARACTOR DIODE
1N4388 ASI-1N4388 Datasheet
23Kb / 1P
SILICON MULTIPLIER VARACTOR DIODE
1N4386 ASI-1N4386 Datasheet
28Kb / 1P
SILICON MULTIPLIER VARACTOR DIODE
logo
Tyco Electronics
MA46H146 MACOM-MA46H146 Datasheet
113Kb / 3P
GaAs Flip-Chip Multiplier Varactor Diode
logo
M/A-COM Technology Solu...
MA46H146 MA-COM-MA46H146 Datasheet
78Kb / 3P
GaAs Flip-Chip Multiplier Varactor Diode
logo
Microsemi Corporation
MV71001 MICROSEMI-MV71001 Datasheet
171Kb / 1P
GaAs Multiplier Diodes Frequency Multiplier
logo
M/A-COM Technology Solu...
MA46H146 MA-COM-MA46H146 Datasheet
78Kb / 3P
GaAs Flip-Chip Multiplier Varactor Diode
MA46H146 MA-COM-MA46H146_15 Datasheet
515Kb / 4P
GaAs Flip-Chip Multiplier Varactor Diode
logo
Broadcom Corporation.
AFBR-S4N44C013 BOARDCOM-AFBR-S4N44C013 Datasheet
691Kb / 7P
4x4 NUV-HD Silicon Photo Multiplier Array
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com