전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCAS290 데이터시트(PDF) 51 Page - Texas Instruments

부품명 SCAS290
상세설명  This users guide describes the characteristics, operation, and use of the TLV320AIC3204EVM-K.
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SCAS290 데이터시트(HTML) 51 Page - Texas Instruments

Back Button SCAS290 Datasheet HTML 45Page - Texas Instruments SCAS290 Datasheet HTML 46Page - Texas Instruments SCAS290 Datasheet HTML 47Page - Texas Instruments SCAS290 Datasheet HTML 48Page - Texas Instruments SCAS290 Datasheet HTML 49Page - Texas Instruments SCAS290 Datasheet HTML 50Page - Texas Instruments SCAS290 Datasheet HTML 51Page - Texas Instruments SCAS290 Datasheet HTML 52Page - Texas Instruments SCAS290 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
www.ti.com
Writing Scripts
Any text editor can be used to write these scripts; Jedit is an editor that is highly recommended for general
usage. For more information, go to: http://www.jedit.org.
Once the script is written, it can be used in the command window by running the program, and then
selecting Open Script File... from the File menu. Locate the script and open it. The script is then displayed
in the command buffer. The user can also edit the script once it is in the buffer and save it by selecting
Save Script File... from the File menu.
Once the script is in the command buffer, it can be executed by pressing the Execute Command Buffer
button. If there are breakpoints in the script, the script executes to that point, and the user is presented
with a dialog box with a button to press to continue executing the script. When ready to proceed, push that
button and the script continues.
45
SLAU266A – October 2008 – Revised October 2012
USB-MODEVM Protocol
Submit Documentation Feedback
Copyright © 2008–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53