| 전자부품 데이터시트 검색엔진 |
|
1ST040EH2F35E2VLS1 데이터시트(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
1ST040EH2F35E2VLS1 데이터시트(HTML) 2 Page - Intel Corporation |
|
2 / 39 page ![]() Contents 1. Intel® Stratix® 10 TX Device Overview........................................................................... 3 1.1. Intel Stratix 10 TX Devices..................................................................................... 4 1.1.1. Available Options....................................................................................... 6 1.2. Innovations in Intel Stratix 10 TX Devices.................................................................6 1.3. Intel Stratix 10 TX Features Summary......................................................................8 1.4. Intel Stratix 10 TX Block Diagram.......................................................................... 11 1.5. Intel Stratix 10 TX Family Plan...............................................................................12 1.6. Intel Hyperflex Core Architecture........................................................................... 15 1.7. Heterogeneous 3D SiP Transceiver Tiles.................................................................. 17 1.8. Intel Stratix 10 TX Transceivers............................................................................. 18 1.8.1. PMA Features......................................................................................... 18 1.8.2. PCS Features..........................................................................................20 1.9. PCI Express Gen1/Gen2/Gen3 Hard IP....................................................................21 1.10. Ethernet MAC, Reed-Solomon FEC for NRZ signals (528, 514) and PAM4 signals (544, 514) ...................................................................................................... 22 1.11. 10G Ethernet Hard IP......................................................................................... 22 1.12. Interlaken PCS Hard IP....................................................................................... 22 1.13. External Memory and General Purpose I/O............................................................ 22 1.14. Adaptive Logic Module (ALM)............................................................................... 24 1.15. Core Clocking.................................................................................................... 25 1.16. Fractional Synthesis PLLs and I/O PLLs..................................................................26 1.17. Internal Embedded Memory.................................................................................26 1.18. Variable Precision DSP Block................................................................................ 27 1.19. Hard Processor System (HPS).............................................................................. 30 1.19.1. Key Features of the Intel Stratix 10 HPS....................................................31 1.20. Power Management............................................................................................ 34 1.21. Device Configuration and Secure Device Manager (SDM)......................................... 34 1.22. Device Security..................................................................................................36 1.23. Configuration via Protocol Using PCI Express..........................................................37 1.24. Partial and Dynamic Reconfiguration..................................................................... 37 1.25. Fast Forward Compile......................................................................................... 37 1.26. Single Event Upset (SEU) Error Detection and Correction.........................................38 1.27. Document Revision History for the Intel Stratix 10 TX Device Overview..................... 38 Contents Intel® Stratix® 10 TX Device Overview Send Feedback 2 |