전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M38020M2D192FS 데이터시트(PDF) 25 Page - Mitsubishi Electric Semiconductor

부품명 M38020M2D192FS
상세설명  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38020M2D192FS 데이터시트(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M38020M2D192FS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M38020M2D192FS Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 207 page
background image
1-10
3802 GROUP USER’S MANUAL
HARDWARE
FUNCTIONAL DESCRIPTION
Execute JSR
On-going Routine
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
Execute RTS
(PCL)
M (S)
(S)
(S – 1)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Subroutine
Restore Return
Address
Store Return Address
on Stack (Note 2)
M (S)
(PS)
Execute RTI
(PS)
M (S)
(S)
(S – 1)
(S)
(S + 1)
Interrupt
Service Routine
Restore Contents of
Processor Status Register
M (S)
(PCH)
(S)
(S – 1)
M (S)
(PCL)
(S)
(S – 1)
(PCL)
M (S)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Restore Return
Address
I Flag “0” to “1”
Fetch the Jump Vector
Store Return Address
on Stack (Note 2)
Store Contents of Processor
Status Register on Stack
Interrupt request
(Note 1)
Note 1 : The condition to enable the interrupt
Interrupt enable bit is “1”
Interrupt disable flag is “0”
2 : When an interrupt occurs, the address of the next instruction to be executed is stored in
the stack area. When a subroutine is called, the address one before the next instruction
to be executed is stored in the stack area.
Accumulator
Processor status register
Push instruction to stack
PHA
PHP
Pop instruction from stack
PLA
PLP
Fig. 8. Register push and pop at interrupt generation and subroutine call
Table. 4. Push and pop instructions of accumulator or processor status register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com