전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MD2009DFX 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 MD2009DFX
상세설명  High voltage NPN Power transistor for standard definition CRT display
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MD2009DFX 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button MD2009DFX Datasheet HTML 2Page - STMicroelectronics MD2009DFX Datasheet HTML 3Page - STMicroelectronics MD2009DFX Datasheet HTML 4Page - STMicroelectronics MD2009DFX Datasheet HTML 5Page - STMicroelectronics MD2009DFX Datasheet HTML 6Page - STMicroelectronics MD2009DFX Datasheet HTML 7Page - STMicroelectronics MD2009DFX Datasheet HTML 8Page - STMicroelectronics MD2009DFX Datasheet HTML 9Page - STMicroelectronics MD2009DFX Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MD2009DFX
Package mechanical data
7/10
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10