전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DVR5V0W 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 DVR5V0W
상세설명  COMPLEX ARRAY FOR VOLTAGE REGULATORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DVR5V0W 데이터시트(HTML) 5 Page - Diodes Incorporated

  DVR5V0W Datasheet HTML 1Page - Diodes Incorporated DVR5V0W Datasheet HTML 2Page - Diodes Incorporated DVR5V0W Datasheet HTML 3Page - Diodes Incorporated DVR5V0W Datasheet HTML 4Page - Diodes Incorporated DVR5V0W Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS30578 Rev. 4 - 2
5 of 5
DVR1V8W - DVR5V0W
www.diodes.com
Notes:
7. Resistor R1 not included.
8. Typical performance shown is under setup and operating conditions specified in the sample applications.
9. Recommended VCC(min) ~ Vo(nom) + 1V.
Sample Application for DVR3V3W:
VCC9 = 4.3V
R17= 3700
W
Vo(nom) = 3.3V
Io = 100mA
Iq(typical8) = 0.7mA @ Io = 0mA
Typical8 Vreg(load) = 0.21V from Io = 100mA to 0mA
Q1
Z1
R1 = 370R
R Load
VCC = 4.3V
Vo(nom) = 3.3V
DVR3V3W
Sample Application for DVR2V5W:
VCC9 = 3.5V
R17= 250
W
Vo(nom) = 2.5V
Io = 100mA
Iq(typical8) = 0.91mA @ Io = 0mA
Typical8 Vreg(load) = 0.13V from Io = 100mA to 0mA
Q1
Z1
R1 = 250R
R Load
VCC = 3. 5V
Vo(nom) = 2. 5V
DVR2V5W
Sample Application for DVR1V8W:
VCC9 = 2.8V
R17= 450
W
Vo(nom) = 1.8V
Io = 100mA
Iq(typical8) = 0.55mA @ Io = 0mA
Typical8 Vreg(load) = 0.25V from Io = 100mA to 0mA
Q1
Z1
R1 = 450R
R Load
VCC = 2. 8V
Vo(nom) = 1. 8V
DVR1V8W



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com