전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAS2750 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 FAS2750
상세설명  NetApp FAS2700 Series Hybrid Storage Systems Simplify your storage with leading data management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

FAS2750 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  FAS2750 Datasheet HTML 1Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 2Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 3Page - List of Unclassifed Manufacturers FAS2750 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
You can also build a foundation of a Data Fabric across flash, disk,
and cloud. Move your data to where it’s needed and place it on the
storage environment that delivers the best combination of flash
performance, storage capacity, and cost efficiency. Organizations
are increasingly turning to the cloud to be more responsive to user
needs. If your plans include the cloud, now or in the future, the
FAS2700 running ONTAP is a great choice.
NetApp offers a number of options for extending your FAS2700
to the hybrid cloud with Amazon Web Services (AWS), Microsoft
Azure, Google Cloud Platform (GCP), and other leading cloud
providers. Options include:
• Easily burst capacity to public clouds without typical capex
constraints with NetApp Cloud Volumes Service, the first
enterprise-class cloud-native file service for AWS and GCP, or
Azure NetApp Files for Microsoft Azure. Ideal for data-intensive
workloads such as analytics and DevOps, these cloud data services
combine elastic, on-demand storage as a service from NetApp
with ONTAP data management in a fully-managed offering.
• For those seeking advanced data services for cloud block
or object storage services such as AWS EBS or S3, or Azure
storage, Cloud Volumes ONTAP provides data management
between your on-premises environment and the public
cloud with a single, common view. Running in AWS or Azure
as an on-demand instance, Cloud Volumes ONTAP provides
the storage efficiency, availability, and scalability of ONTAP
software to allow easy movement of data between your
on-premises FAS2700 and AWS or Azure storage environment
with NetApp SnapMirror® data replication software.
• For organizations that need an enterprise-class hybrid cloud
with data governance and security, the FAS2700 can be used
in a NetApp Private Storage (NPS) for Cloud solution. With
NPS for Cloud, you can directly connect to multiple clouds
by using a private, high-bandwidth, low-latency connection.
Connect to industry-leading clouds such as AWS, GCP,
Microsoft Azure, or IBM Cloud and switch between them at
any time, all while maintaining complete control of your data
on your dedicated, private FAS2700.
With best-in-class data management and control for the hybrid
cloud, NetApp cloud solutions enable seamless movement of data
into and out of the cloud.
Visit netapp.com/cloud to find out more about our full range of
cloud offerings.
Choosing the Right System
NetApp offers two systems in the FAS2700 family to help you find
the balance of price, performance, capacity, and features that best
fits your needs.
FAS2750
Equipped for higher performance needs, with space for up to 24
internal SFF drives and expansion up to a total of 144 drives, the
FAS2750 is a great fit for:
• Midsize organizations and distributed sites of larger
organizations
• Windows applications and virtual server consolidation with
multiple workloads
• Customers who require higher performance, I/O flexibility,
and investment protection for future growth
FAS2720
Geared toward value-oriented, larger capacity deployments, with
space for up to 12 internal LFF drives and expansion up to a total
of 144 drives, the FAS2720 is a good fit for:
• Customers who require cost-effective larger capacity for
secondary workloads and backup targets
• Smaller organizations, remote offices, and local storage
• Customers who want I/O flexibility and investment protection
for future growth
• Consolidating virtualized environments with a small number
of Windows applications or general file-serving workloads
Get It Right from the Start by Using NetApp Expertise
Whether you’re planning your next-generation data center, need
specialized know-how for a hybrid cloud environment, or want
to optimize the operational efficiency of your existing infrastruc-
ture, we have the expertise. NetApp Services and our certified
partners can help you navigate your digital transformation to
successfully create, deliver, and consume data services that
power your business. Learn more at netapp.com/services.
Figure 1) Standardize data management across architectures with a rich set of enterprise data services.
ONTAP 9
Common Data Management
Storage Arrays
AFF + FAS
Converged
FlexPod
®
Heterogeneous
FlexArray
®
Software-Defined
Storage (SDS)
ONTAP
® Select
Near Cloud
NetApp Private
Storage (NPS)
Cloud
Cloud Volumes
ONTAP
®



Html Pages

1 2 3 4