| 전자부품 데이터시트 검색엔진 |
|
CTV07R 데이터시트(PDF) 8 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CTV07R 데이터시트(HTML) 8 Page - Amphenol Corporation |
|
8 / 54 page ![]() 6 Tri-Start insert availability and identification AMPHENOL TRI-START INSERT ARRANGEMENTS Contact Size Shell Military Service Total 22D 20 16 12 12 10 8 8†† Size/Arrg. Shell Crimp Hermetics* Rating Contacts (Coax) (Power) (Coax) (Twinax) 9-5 ★■ A Grounded 1 1 9-35 A X P M 6 6 9-94 ■ A ✦ M2 2 9-98 A X P I 3 3 11-2 ★ B ✦ I2 2 11-5 B ✦ PI 5 5 11-35 B X P M 13 13 11-54 ■ BX II 4 4 11-98 B X P I 6 6 11-99 B X I 7 7 13-4 ★ CX P I 4 4 13-8 C X P I 8 8 13-13 ■ C I, Fiber Optic 4 2** 2 13-35 C X P M 22 22 13-98 C X P I 10 10 15-4 ■ D ✦ I4 4 15-5 ★ DX P II 5 5 15-15 D X P I 15 14 1 15-18 D X P I 18 18 15-19 D ✦ P I 19 19 15-35 D X P M 37 37 15-97 D X P I 12 8 4 17-2 E X M 39 38 1 17-6 E X P I 6 6 17-8 ★ EX P II 8 8 17-22 ★■ E ✦ Coax 4 2 2 17-26 E X P I 26 26 17-35 E X P M 55 55 17-99 E X I 23 21 2 19-11 ★ FX P II 11 11 19-18 F X M 18 14 4 19-28 F X I 28 26 2 19-31 ■ F ✦ M15 12 1 2 19-32 F X P I 32 32 19-35 F X P M 66 66 21-11 ★ GX I 11 11 21-16 ★ GX P II 16 16 21-29 ■ GX I 27 19 4 4 21-35 G X P M 79 79 21-39 G X P I 39 37 2 21-41 G X P I 41 41 21-75 ★ ✧ G X M 4 4 (See note) 21-79 ■ G X II 19 17 2 23-6 ★■ HP M 6 6 23-14 ■ H ✦ I14 14 23-21 ★ HX P II 21 21 X Completely tooled. • Majority of tooling is completed (contact Amphenol Aerospace for availabilty). ✦ Not tooled for 02-R. P Pin inserts only (contact Amphenol Aerospace for socket availability). ★ Ground plane proprietary option available. Arrg. 9-5 is exclusively ground plane type. See pg. 49 for further information on ground plane connectors. ■ Not Mil-Qualified. ✧ 21-75 is Mil-Qualified with twinax contacts only. Note: MS connector 21-75 is supplied with size 8 twinax. Proprietary connector 21-75 is supplied with size 8 coax. * Hermetic inserts - solder termination standard. (Contact Amphenol Aerospace for optional PCB or eyelet termination). ** Two size 16 contacts dedicated to fiber optics. Consult Amphenol Aerospace catalog 12-352 for fiber optic information. *** For use in MIL-STD-1760 applications (see pages 31 & 32). † For RG 180/U and RG 195/U cables only. †† Size 8 Coax and Twinax are interchangeable. |