| 전자부품 데이터시트 검색엔진 |
|
STM32H757ZI 데이터시트(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H757ZI 데이터시트(HTML) 68 Page - STMicroelectronics |
|
68 / 251 page ![]() Pin descriptions STM32H757xI 68/251 DS12931 Rev 1 H10 J5 50 58 T3 PA5 I/O TT_ ha - D2PWREN, TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK/I2S1_CK, SPI6_SCK, OTG_HS_ULPI_CK, LCD_R4, EVENTOUT ADC12_INN18, ADC12_INP19, DAC1_OUT2 G9 M4 51 59 R3 PA6 I/O FT_ a - TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO/I2S1_SDI, SPI6_MISO, TIM13_CH1, TIM8_BKIN_COMP12, MDIOS_MDC, TIM1_BKIN_COMP12, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC12_INP3 J9 K4 52 60 R5 PA7 I/O TT_ a - TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI/I2S1_SDO, SPI6_MOSI, TIM14_CH1, ETH_MII_RX_DV/ETH_ RMII_CRS_DV, FMC_SDNWE, EVENTOUT ADC12_INN3, ADC12_INP7, OPAMP1_VINM M11 L4 53 61 T4 PC4 I/O TT_ a - C2DSLEEP, DFSDM1_CKIN2, I2S1_MCK, SPDIFRX1_IN3, ETH_MII_RXD0/ETH_R MII_RXD0, FMC_SDNE0, EVENTOUT ADC12_INP4, OPAMP1_VOUT, COMP1_INM Table 8. STM32H757xI pin/ball definition (continued) Pin/ball name Pin name (function after reset) Alternate functions Additional functions |