전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCK3000 데이터시트(PDF) 1 Page - Skeleton Technologies. All rights reserved.

부품명 SCK3000
상세설명  Large supercapacitor cells
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SKELETON [Skeleton Technologies. All rights reserved.]
홈페이지  www.skeletontech.com
Logo SKELETON - Skeleton Technologies. All rights reserved.

SCK3000 데이터시트(HTML) 1 Page - Skeleton Technologies. All rights reserved.

  SCK3000 Datasheet HTML 1Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 2Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 3Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 4Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 5Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 6Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 7Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 8Page - Skeleton Technologies. All rights reserved. SCK3000 Datasheet HTML 9Page - Skeleton Technologies. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Mass, typical
(± 3-6 g, from small to large size)
Volume
Diameter (± 0.2 mm, including label), D1
Length (± 0.3 mm), L1
Terminal diameter, D2
Terminal length, L2
Nominal power, calculated from 10ms ESR (for comparison)
Specific power, matched impedance 6
Power density, matched impedance 7
DATA SHEET
Standards and certifications
Value
Value
Unit
Unit
V
V
F
Wh/kg
mΩ
mΩ
kA
mA
2.85
3.0
3200
6.8
6710038
0.14
0.18
2.89
11.0
Operating temperature range
Minimum
Maximum
Storage temperature range (uncharged)
Minimum
Maximum
Temperature and Life
°C
°C
°C
°C
-40
+65
-40
+50
Rated voltage V
R
Surge voltage V
s
Rated capacitance
Specific energy
Product code
DC 10ms ESR rated
DC 1s ESR rated
Maximum peak current, for 1
second 1, 9
Leakage current (At 2.85 V, 25 OC
and 72 hours, max)
General
Power
kg
L
mm
mm
mm
mm
0.53
0.390
60.2
138
12
3.2
Physical parameters
Nominal power, calculated from 1s ESR (for engineering)
Power, matched impedance 5
Specific power, matched impedance 6
Power density, matched impedance 7
Copyright © 2022 Skeleton Technologies GmbH. All rights reserved.
02-DS-220909-SKELCAP-CELLS-1D
Page 1/10
+ Capacitance 3200 F
+ Extreme power density
+ Durable and safe aluminum casings
+ Weldable terminals*
+ High cycle life >1,000,000 cycles
+ High temperature tolerance
(operating and storage)
+ German quality
+ RoHS compliant
+ UL certified
Vibration Specification
Certifications
ISO 16750-3, Table 12
RoHS, UL 810A
Storage life @ RT, uncharged
Cyclelife @ RT, between V
R and VR/2
Life
Lifetime @ V
R and +65 °C
Capacitance decrease 20% against rated value;
1s ESR increase 100% against rated value
Years
Cycles
Hours
10
1,000,000
1500
kW/kg
kW/L
27
37
kW
kW/kg
kW/L
11.3
21
29


유사한 부품 번호 - SCK3000

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
SCK3001 PULSE-SCK3001 Datasheet
505Kb / 2P
G. Fast Transformer - 106 MHz
More results

유사한 설명 - SCK3000

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
XL60-2R7308W-R COOPER-XL60-2R7308W-R Datasheet
365Kb / 3P
2.7V Supercapacitor cells
logo
Illinois Capacitor, Inc...
105DCN5R5M ILLINOISCAPACITOR-105DCN5R5M Datasheet
137Kb / 1P
Supercapacitor
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DCN2R7STJD ILLINOISCAPACITOR-106DCN2R7STJD Datasheet
128Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
205DCN2R7S ILLINOISCAPACITOR-205DCN2R7S Datasheet
128Kb / 1P
Supercapacitor
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
Supercapacitor
DGH105Q5R5 ILLINOISCAPACITOR-DGH105Q5R5 Datasheet
204Kb / 1P
Supercapacitor
DGH106Q2R7 ILLINOISCAPACITOR-DGH106Q2R7 Datasheet
204Kb / 1P
Supercapacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com