전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AWT6167 데이터시트(PDF) 7 Page - ANADIGICS, Inc

부품명 AWT6167
상세설명  GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6167 데이터시트(HTML) 7 Page - ANADIGICS, Inc

Back Button AWT6167 Datasheet HTML 3Page - ANADIGICS, Inc AWT6167 Datasheet HTML 4Page - ANADIGICS, Inc AWT6167 Datasheet HTML 5Page - ANADIGICS, Inc AWT6167 Datasheet HTML 6Page - ANADIGICS, Inc AWT6167 Datasheet HTML 7Page - ANADIGICS, Inc AWT6167 Datasheet HTML 8Page - ANADIGICS, Inc AWT6167 Datasheet HTML 9Page - ANADIGICS, Inc AWT6167 Datasheet HTML 10Page - ANADIGICS, Inc AWT6167 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADVANCED PRODUCT INFORMATION - Rev 0.1
01/2005
AWT6167
7
Figure 3: Application Schematic
APPLICATION INFORMATION
GSM850/900 RF OUTPUT
GSM850/900 RF INPUT
1
2
3
4
5
6
7
16
15
14
13
12
11
10
89
18
17
DCS/PCS_PIN
BS
TX_EN
VBAT
T
CEXT
VRAMP
GSM_IN
GND
GND
GSM_OUT
VCC_OUT
GND
GND
DCS/PCS_OUT
AWT6167
DCS/PCS RF INPUT
BAND SELECT
TX ENABLE
DAC OUTPUT
DCS/PCS RF OUTPUT
BATTERY
VOLTAGE
10K* 27pF*
* Filtering may be required to filter noise from baseband.
** This component should be placed as close to the device pin as possible.
++ These components are recommended as good design practice for improving noise
rejection characteristics. The values specified are not critical as they may not be required in the
final application.
2.7pF**
47uF++
22nF**
1nF++
1nF++
1nF**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com