전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APM9935K 데이터시트(PDF) 2 Page - Anpec Electronics Coropration

부품명 APM9935K
상세설명  Dual P-Channel Enhancement Mode MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANPEC [Anpec Electronics Coropration]
홈페이지  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9935K 데이터시트(HTML) 2 Page - Anpec Electronics Coropration

  APM9935K Datasheet HTML 1Page - Anpec Electronics Coropration APM9935K Datasheet HTML 2Page - Anpec Electronics Coropration APM9935K Datasheet HTML 3Page - Anpec Electronics Coropration APM9935K Datasheet HTML 4Page - Anpec Electronics Coropration APM9935K Datasheet HTML 5Page - Anpec Electronics Coropration APM9935K Datasheet HTML 6Page - Anpec Electronics Coropration APM9935K Datasheet HTML 7Page - Anpec Electronics Coropration APM9935K Datasheet HTML 8Page - Anpec Electronics Coropration APM9935K Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.1 - Mar., 2005
www.anpec.com.tw
2
APM9935K
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-20
VGSS
Gate-Source Voltage
±12
V
ID*
Continuous Drain Current
-6
IDM*
300
µs Pulsed Drain Current
VGS=-4.5V
-20
A
IS*
Diode Continuous Forward Current
-2
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2
PD*
Maximum Power Dissipation
TA=100°C
0.8
W
RθJA*
Thermal Resistance-Junction to Ambient
62.5
°C/W
Note:
*Surface Mounted on 1in
2 pad area, t
≤ 10sec.
APM9935
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250
µA
-20
V
VDS=-16V, VGS=0V
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250
µA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
±100
nA
VGS=-4.5V, IDS=-6A
30
45
RDS(ON)
a
Drain-Source On-state Resistance
VGS=-2.5V, IDS=-5A
38
65
m
Ω
VSD
a
Diode Forward Voltage
ISD=-2A, VGS=0V
-0.7
-1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
17
25
Qgs
Gate-Source Charge
5.2
Qgd
Gate-Drain Charge
VDS=-10V, VGS=-4.5V,
IDS=-6A
3.6
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com