| 전자부품 데이터시트 검색엔진 |
|
DT9817-R 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
DT9817-R 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 10 page ![]() (508) 946-5100 9 info@mccdaq.com mccdaq.com QuickDAQ QuickDAQ allows you to acquire and display from all Data Translation USB and Ethernet data acquisition devices that support analog input streaming. Combine QuickDAQ with Data Translation hardware to acquire data, record data to disk, display the results in both a plot and digital display, and read a recorded data file. Be productive right out of the box with this powerful data logging software. Data can be exported to other applications like Microsoft Excel® and The Mathworks MATLAB® for more advanced analysis. Two additional options can be purchased to add FFT analysis capabilities to the base package. Key Features • QuickDAQ Base Package (Free) o Ready-to-measure application software o Configure, acquire, log, display, and analyze your data o Customize many aspects of the acquisition, display, and recording functions to suit your needs QuickDAQ ships free-of-charge and allows you to get up and running quickly. • FFT Analysis Option (License Required) o Includes all the features of the QuickDAQ Base Package o Perform single-channel FFT operations including: ◊ Auto Spectrum ◊ Spectrum ◊ Power Spectral Density o Configure and view dynamic performance statistics o Supports Hanning, Hamming, Bartlett, Blackman, Blackman Harris, and Flat Top response windows • Advanced FFT Analysis Option (License Required) o Includes all the features of the QuickDAQ Base Package and FFT Analysis Package o Perform 2-channel FFT operations including: ◊ FRF ◊ Cross-Spectrum ◊ Cross Power Spectral Density ◊ Coherence ◊ Coherent Output Power o Supports real, imaginary, and Nyquist display functions o Additional FFT analysis functions supported: Exponential, Force, Cosiner Taper o Save data to .uff file format |