| 전자부품 데이터시트 검색엔진 |
|
OPA186DBVT 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OPA186DBVT 데이터시트(HTML) 5 Page - Texas Instruments |
|
5 / 48 page ![]() 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)(1) MIN MAX UNIT VS Supply voltage, VS = (V+) – (V–) 26 V Input voltage Common-mode (V–) –0.5 (V+) + 0.5 V Differential (V+) – (V–) + 0.2 Output short-circuit(2) Continuous TJ Operating junction temperature -40 150 °C Tstg Storage temperature -65 150 °C (1) Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions. If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime. (2) Short-circuit to ground, one amplifier per package. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±1000 V Charged-device model (CDM), per JANSI/ESDA/JEDEC JS-002(2) ±500 (1) JEDEC document JEP155 states that 500-V HBM allows safemanufacturing with a standard ESD control process. (2) JEDEC document JEP157 states that 250-V CDM allows safemanufacturing with a standard ESD control process. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VS Supply voltage Single supply 4.5 24 V Dual supply ±2.25 ±12 TA Specified temperature –40 125 °C www.ti.com OPA186, OPA2186, OPA4186 SBOS968B – JUNE 2022 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 5 Product Folder Links: OPA186 OPA2186 OPA4186 |