전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK0760P 데이터시트(PDF) 2 Page - AUK corp

부품명 STK0760P
상세설명  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

STK0760P 데이터시트(HTML) 2 Page - AUK corp

  STK0760P Datasheet HTML 1Page - AUK corp STK0760P Datasheet HTML 2Page - AUK corp STK0760P Datasheet HTML 3Page - AUK corp STK0760P Datasheet HTML 4Page - AUK corp STK0760P Datasheet HTML 5Page - AUK corp STK0760P Datasheet HTML 6Page - AUK corp STK0760P Datasheet HTML 7Page - AUK corp STK0760P Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T0P002-000
2
STK0760P
Absolute maximum ratings
(Tc=25
°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
(Tc=25℃)
7
A
Drain current (DC)
ID
(Tc=100℃)
3.2
A
Drain current (Pulsed) *
IDM
28
A
Drain power dissipation
PD
65
W
Avalanche current (Single)
②
IAS
7
A
Single pulsed avalanche energy
②
EAS
230
mJ
Avalanche current (Repetitive)
①
IAR
7
A
Repetitive avalanche energy
①
EAR
7.5
mJ
Junction temperature
TJ
150
Storage temperature range
Tstg
-55~150
°C
* Limited by maximum junction temperature
Characteristic
Symbol
Typ.
Max
Unit
Junction-case
Rth(J-C)
-
1.92
Thermal
resistance
Junction-ambient
Rth(J-a)
-
83.3
℃
/W



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com