전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP-8-S9-R2-W4QE 데이터시트(PDF) 1 Page - C&K Components

부품명 NP-8-S9-R2-W4QE
상세설명  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8-S9-R2-W4QE 데이터시트(HTML) 1 Page - C&K Components

  NP-8-S9-R2-W4QE Datasheet HTML 1Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 2Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 3Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 4Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 5Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 6Page - C&K Components NP-8-S9-R2-W4QE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
A-118
Specifications and dimensions subject to change
www.ckswitches.com
A
4 May 20
Features/Benefits
• IP68 sealed
• 1,000,000 life cycle
• Multiple housing styles
• Capable of up to 5A resistive load
• Wirelead options available
• RoHS compliant
Typical Applications
• Harsh environments
• Off-Road
• Industrial
• Transportation
• Military
Specifications
FUNCTION: SPDT Double Break (Form Z) Momentary
CONTACT ARRANGEMENT: N.O. and N.C.
MOUNTING TYPE: Threaded front or rear mount and slot mount
TORQUE SPEC FOR THREADED BODY: Do not exceed 50 in-lbs
(5.65 N-m)
Mechanical
OPERATING LIFE: 1,000,000 cycles
TOTAL TRAVEL: 1.6 ± 0.15 mm
OPERATING POINT 0.9 ± 0.25 mm
OVER TRAVEL: 0.45 min.
OPERATING FORCE: 8N ± 1.5N
VIBRATION: 10-500 Hz 10g Max
SHOCK: 50g 11ms sawtooth wave
Electrical
CONTACT RATING:
Option G - Gold over Silver
10mA/5 VDC (1,000,000 cycles)
Option Q - Silver
1A/32 VDC resistive (100,000 cycles)
5A/32 VDC resistive (25,000 cycles)
3A/32 VDC resistive (25,000 cycles)
Electrical (cont.)
DIELECTRIC STRENGTH: 1000 V AC for 1 min.
INSULATION RESISTANCE: 1 G Ω @ 500 VDC
INITIAL CONTACT RESISTANCE 50 mΩ max (without wire leads)
BOUNCE TIME: <5 ms
Materials
HOUSING: 6061-T6 Aluminum, black or clear anodized
BASE: PBT
CAP: PBT
ACTUATOR: PBT
INTERNAL SEAL: Silicone rubber
TERMINALS: Copper with silver nickel inlay, silver plating
MOVABLE CONTACT: Copper alloy, gold over silver plating
TERMINAL SEAL: Epoxy
Operating Environment
OPERATING TEMPERATURE: -40˚C to +85˚C
ESD PROTECTION: 15KV min.
Process Environment
SEALING: IP68
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
NP
NP Series
8
E
P
N
NP Series
Sealed Industrial Pushbutton Switch
Operating Force
8
8 Newtons
Actuator Style
S
Standard
E
Extended (D housing style only)
Actuator Color*
1
White
2
Black (STD)
3
Red
4
Orange
5
Yellow
6
Green
7
Blue
9
Gray
Housing Style
T
Standard threaded mount
L
Long threaded mount
H
Short threaded mount
S
Slot mount
R
Rear mount
D
Dome bezel
P
Tapered bezel
Contact Material
Q
Silver (STD)
G
Gold over silver
Terminal Seal
E
Epoxy
All models are epoxy sealed
Termination
03
Solder Lug (STD)
02
PC Pin (G Contact Material)
W4
4x 12” 22 AWG UL1569 wire (overmolded)
W3
3x 12” 22 AWG UL1569 wire (overmolded)
Housing Anodizing Color
1
Clear anodized
2
Black anodized (STD)
* Please contact Customer Service
for additional colors.


유사한 부품 번호 - NP-8-S9-R2-W4QE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NP-1.25 ETC-NP-1.25 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
NP-1.25 JST-NP-1.25 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
NP-2 ETC-NP-2 Datasheet
97Kb / 1P
PARALLEL
logo
JST Mfg. Co., Ltd.
NP-2 JST-NP-2 Datasheet
97Kb / 1P
Solderless splices PARALLEL
logo
List of Unclassifed Man...
NP-5.5 ETC-NP-5.5 Datasheet
97Kb / 1P
PARALLEL
More results

유사한 설명 - NP-8-S9-R2-W4QE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
Sealed Industrial Pushbutton Switch
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
PNP CK-COMPONENTS-PNP_V01 Datasheet
805Kb / 5P
Sealed Pushbutton Switch
2020
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com