전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NP-8-S9-R102G-E 데이터시트(PDF) 6 Page - C&K Components

부품명 NP-8-S9-R102G-E
상세설명  Sealed Industrial Pushbutton Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CK-COMPONENTS [C&K Components]
홈페이지  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP-8-S9-R102G-E 데이터시트(HTML) 6 Page - C&K Components

  NP-8-S9-R102G-E Datasheet HTML 1Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 2Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 3Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 4Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 5Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 6Page - C&K Components NP-8-S9-R102G-E Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A-123
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
4 Msy 20
2.15
[0.085]
13.15 TYP
[0.518]
7.75
[0.305]
10.00
[0.394]
5.07
[0.200]
10.80
[0.425]
7.50
[0.295]
N.C.
7.50
[0.295]
N.O.
14.27
[0.562]
10.80
[0.425]
ACROSS FLATS
4.50
[0.177]
7.30
[0.288]
18.02 REF
[0.709]
0.40 TYP
[0.016]
0.50
[0.020]
MAX
2.00
[0.079]
TYP
10.80
[0.425]
2.60TYP
[0.102]
0.40TYP
[0.016]
65°
0.70 TYP
[0.028]
15.45 TYP
[0.608]
20.52REF
[0.808]
4.90
[0.193]
2.70
[0.106]
2X65.0°
2X 1.67
REF
[0.066]
2X 3.58
REF
[0.141]
7.90
[0.311]
4X 0.90
[0.035]
12.30
[0.484]
11.00
[0.433]
15/32-32 UNS-2A
PC TERMINALS
N.C.
N.C.
N.O.
N.O.
PC HOLE PATTERN
BOARD VIEW
PANEL CUTOUT
NP Series
Sealed Industrial Pushbutton Switch
HOUSING STYLE
P TAPERED BEZEL
HOUSING ANODIZING COLOR
OPTION
CODE
ANODIZING COLOR
1
Clear anodized
2
Black anodized (STD)
0.25 TYP
[0.010]
2.45 TYP
[0.096]
2.55 TYP
[0.100]
0.70 TYP
[0.028]
TERMINATION
03 SOLDER LUG (STD)
02 PC PIN (G CONTACT MATERIAL)
Third Angle
Projection



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com