| 전자부품 데이터시트 검색엔진 |
|
AS1106 데이터시트(PDF) 17 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1106 데이터시트(HTML) 17 Page - ams AG |
|
17 / 20 page ![]() www.austriamicrosystems.com Revision 2.2 17 - 20 AS1106, AS1107 austriamicrosystems Data Sheet Package Drawings and Markings Package Drawings and Markings The AS1106 and AS1107 are available in 24-pin DIP and 24-pin SOIC packages. Figure 15. 24-pin DIP Package Symbol Min Max B0.18 B1 0.015 C0.10 D1.160 D1 0.30 0.60 E.295 .320 ID 0.64 ID1 0.64 E1 .260 eA .320 .370 e1 1.00 L.125 R.030 T.130 T1 .060 T2 .060 W .030 REF α1 7º α2 7º α3 7º α4 7º P’ .760 A.145 .170 A1 .015 .040 |