전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS1108PL 데이터시트(PDF) 16 Page - ams AG

부품명 AS1108PL
상세설명  4-Digit LED Display Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS1108PL 데이터시트(HTML) 16 Page - ams AG

Back Button AS1108PL Datasheet HTML 11Page - ams AG AS1108PL Datasheet HTML 12Page - ams AG AS1108PL Datasheet HTML 13Page - ams AG AS1108PL Datasheet HTML 14Page - ams AG AS1108PL Datasheet HTML 15Page - ams AG AS1108PL Datasheet HTML 16Page - ams AG AS1108PL Datasheet HTML 17Page - ams AG AS1108PL Datasheet HTML 18Page - ams AG AS1108PL Datasheet HTML 19Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
www.austriamicrosystems.com
Revision 2.1
16 - 19
AS1108
austriamicrosystems
Data Sheet
Package Drawings and Markings
Package Drawings and Markings
The AS1108 is available in a 20-pin DIP and a 20-pin SOIC package.
Figure 13. 20-pin DIP Package
Symbol
Inches
Min
Nom
Max
A
.210
A1
.015
A2
.115
.130
.195
b
0.15
0.18
0.22
b1
0.14
0.18
0.20
b2
0.55
0.60
0.65
c
.008
.010
.012
c1
.008
.010
.011
D
1.025
1.030
1.035
D1
.030
.035
.040
E
.300
.325
E1
.240
.252
.260
e
.100 BSC
eA
.300 BSC
eB
.430
eC
.000
.060
L
.125
.135
N20
Q1
.055
.060
.065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19