| 전자부품 데이터시트 검색엔진 |
|
AS1752S 데이터시트(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1752S 데이터시트(HTML) 12 Page - ams AG |
|
12 / 16 page ![]() AS1751, AS1752, AS1753 austriamicrosystems Data Sheet Package Drawings and Markings www.austriamicrosystems.com Revision 1.4 12 - 16 Package Drawings and Markings The devices are available in an 16-pin QFN package and an 14-pin TSSOP package. Figure 19. 16-pin QFN Package -C- SIDE VIEW PLANE ccc C 0.08 C 11 NX SEATING D D/2 INDEX AREA aaa C TOP VIEW 2x 4 (D/2 xE/2) -B- NXb D2/2 D2 2 1 bbb C A B ddd C -B- NN-1 BTM VIEW 6 5 (D/2 xE/2) INDEX AREA 4 SEE DETAIL B SEE DETAIL B 89 Datum A or B EVEN TERMINAL SIDE DETAIL B Terminal Tip e e/2 12 5 Common Dimensions Symbol Min Nom Max Notes aaa 0.15 1, 2 bbb 0.10 1, 2 ccc 0.10 1, 2 ddd 0.05 1, 2 A 0.70 0.75 0.80 A1 0.00 0.02 0.05 A3 0.20 Ref L1 0.03 0.15 D BSC 3.00 1, 2, 10 E BSC 3.00 1, 2, 10 D2 1.30 1.45 1.55 1, 2, 10 E2 1.30 1.45 1.55 1, 2, 10 L 0.30 0.40 0.50 1, 2, 10 N 16 1, 2, 10 ND 4 1, 2, 10 NE 4 1, 2, 10 PIN 1 MARKER |